|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NCP4672 Dual Linear Voltage Regulators with Vin and Vout Voltage Detector The NCP4672 is a dual linear voltage regulator with input voltage and output voltage detectors. This part is useful in systems where multiple voltages are required such as for core and I/O. The NCP4672 is very accurate at 2% over full input voltage and full load current. The NCP4672 eliminates the need for external voltage supervision due to the two built in voltage detectors. The voltage detector on the input is set to 7.0 V. The output voltage detector is for channel 1 and is set to 2.9 V. An external capacitor is used to set the duration of this reset signal. Other features include short circuit protection and thermal shutdown protection. The NCP4672 has been designed to work with a 4.7 mF output capacitor having an ESR between 0.1 W and 5.0 W. Features http://onsemi.com MARKING DIAGRAM 8 8 1 SOIC-8 NB SUFFIX CASE 751 1 4672G A L YW = Specific Device Code = Assembly Location = Wafer Lot = Date Code 4672G ALYW * * * * * * * * * * * Accuracy: 2% at Full Voltage and Load Excellent Ripple Rejection: 70 dB @ 1 kHz Voltage Detector for Input Voltage Voltage Detector for Output Voltage Programmable Delay of Reset Signal Thermal Short Circuit Protection This is a Pb-Free Device PIN CONFIGURATION Vin Rst 1 Vout Rst 2 8 Vout1 7 GND1 6 GND2 5 Vout2 (Top View) Typical Application Small Core and I/O Power Consumer Equipment Measurement Equipment Industrial Equipment Vin RST 10 KW CD 3 Vin 4 ORDERING INFORMATION Vin Rst Vout1 GND2 Vout2 Vout2 For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Vout1 Cout2 4.7 mF Device NCP4672DR2G Package SOIC-8 (Pb-Free) Shipping 2500 Tape & Reel Vin Vout Rst GND1 CD 10 nF Vin Vin Cin 0.1 mF Cout2 4.7 mF Figure 1. Typical Application Circuit (c) Semiconductor Components Industries, LLC, 2004 1 February, 2004 - Rev. 4 Publication Order Number: NCP4672/D NCP4672 MAXIMUM RATINGS Rating Input Voltage Output Voltage Output Current 1 Output Current 2 Output Short Circuit Duration Power Dissipation and Thermal Characteristics - SOIC-8 Power Dissipation Thermal Resistance, Junction-to-Ambient Minimum Pad Size 200 mm2 Pad Size (Note 1) Thermal Resistance, Junction-to-Case Operating Junction Temperature Range Storage Temperature Range 1. Refer to Figure 4 for more information. Symbol Vinmax Vout Iout1max Iout2max - PD RqJA RqJC Tstg Tsolder Value -0.3 ~ 18 -0.3 to Vin + 0.3 30 80 Infinite Internally Limited 190 160 25 -40 to 125 -55 to 150 Unit V V mA mA - W C/W C/W C/W C C PIN DESCRIPTION Pin Number 1 2 Symbol Vin RST Vo RST Description Open-collector, active-low output of the input voltage detector with hysteresis. Threshold levels are typical 7.0 V/ 7.35 V at VCC pin. Active-low output of the reset generator. Reset generator is based on sensing of the Vout1 voltage. Sensing is with hysteresis - threshold levels are typically 2.9 V/ 2.95 V at Vout1. Reset is generated at rising edge of the Vout1 and it's duration is set by external capacitor connected to CD pin. Programmable delay of the reset generator. Delay is adjusted by inserting a capacitor between CD and GND (typically 10 ms for 10 nF capacitor). Supply Voltage 1.8 V/ 80 mA LDO Regulator Output Ground for Vout2 (internally connected with GND1) Ground for Vout1 (internally connected with GND2) 3.5 V/30 mA LDO Regulator Output 3 4 5 6 7 8 CD VCC Vout2 GND2 GND1 Vout1 Recommended Conditions (TA = 25C, Cin = 0.1 mF Ceramic, Cout = 4.7 mF) Characteristics Input Voltage Output Current (where Vout remains within accuracy) Symbol Vin Iout1 Iout2 Min 3.8 0 0 Typ 12 - - Max 16 20 70 Unit V mA http://onsemi.com 2 NCP4672 Vin VIn RST 7.0 V + - 2.9 V - + Vref Vo RST Vout1 + - Vref Vref CD Vref Thermal Shutdown Vout2 - + GND1 GND2 http://onsemi.com 3 - + Vref Thermal Shutdown Figure 1. NCP4672 ELECTRICAL CHARACTERISTICS (Cin = 0.1 mF Ceramic, Cout = 4.7 mF with ESR = 0.1 - 5.0 W, Vin = 12 V, TA = 25C) Characteristics Output Voltage Vout1 (Vin = 4.5 V, Iout1 = 20 mA) Vout2 (Vin = 4.5 V, Iout2 = 40 mA) Line Regulation Vout1 (Vin = 4.5 V , Iout1 = 20 mA) Vout2 (Vin = 4.5 V to 10 V, Iout2 = 40 mA) Load Regulation Vout1 (Vin = 4.5 V, Iout1 = 0.1 mA to 20 mA) Vout2 (Vin = 4.5 V, Iout2 = 0.1 mA to 70 mA) Dropout Voltage Vout1 (Vin = 3.3 V, Iout1 = 20 mA) Ground Pin Current (Vin = 8.0 V, Iout1 = Iout2 = 0 mA) (Vin = 2.7 V, Iout1 = Iout2 = 0 mA, Rpu = infinite) Short Current Limit Vout1 Vout2 Thermal Shutdown Temperature Coefficient Vout1 (TJ = -30 to 85C, Vin = 4.5 V, Iout1 = 20 mA) Vout2 (TJ = -30 to 85C, Vin = 4.5 V, Iout2 = 40 mA) Ripple Rejection (Note 6) Vout1 (Vin = 4.5 V, Vripple = 1.0 V, Iout1 = 20 mA, 120 Hz) Vout2 (Vin = 4.5 V, Vripple = 1.0 V, Iout2 = 40 mA, 120 Hz) Output Noise Voltage Vout1 (Vin = 4.5 V, f = 20 Hz - 80 kHz, Iout1 = 20 mA) Vout2 (Vin = 4.5 V, f = 20 Hz - 80 kHz, Iout2 = 40 mA) Vin Detect Detecting Voltage L (Vin = H to L) Detecting Voltage H (Vin = L to H) Hysteresis Voltage (Vin = H to L to H) VSLin Temperature Coefficient (TJ = -30C to +85C) Low-Level Output Voltage (Vin = 6.0 V, Vt1 = 5.0 V, Rt1 = 10 kW) (Note 5) Threshold Operating Voltage (VOPLin = Vt1 = 1.0 V) Vout Detect Detecting Voltage L (Vin = H to L) Detecting Voltage H (Vin = L to H) Hysteresis Voltage (Vin = H to L to H) VSLin Temperature Coefficient (TJ = -30C to +85C) Low-Level Ou u Voltage ( out1 = 2.6 V) o e e Output o age (V 6) Threshold Operating Voltage (VOPLout = 0.85 V) Reset Delay Time (CD = 10 nF) "L" Transmission Delay Time (CD = 10 nF) VSLout VSHout D VSout VSLin TC VOLout1 VOLout2 tPLH tPHL 2.78 - 25 - - - 5 - 2.9 2.95 50 100 100 00 - 10 30 3.020 - 100 - 200 00 0.4 15 90 V V mV ppm/C mV V ms ms VSLin VSHin D VSin VSlin TC VOLin1 VOLin2 6.72 - 140 - - - 7.0 7.35 350 100 100 - 7.28 - 560 - 200 0.4 V V mV ppm/C mV V TC - - RR - - Vn - - 80 50 - - 65 70 - - mVrms 100 100 - - dB Symbol Vadj 3.43 1.764 Regline - - Regload - - Vin - Vout1 - IGND - - ISC 30 80 - 60 150 165 - - - C ppm/C 1.0 3.0 2.0 - mA 150 300 mA 3.0 2.0 40 40 mV 3.0 3.0 30 30 mV 3.5 1.8 3.57 1.836 mV Min Typ Max Unit V 2. This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per MIL-STD-883, Method 3015 Machine Model Method 200 V. T * TA 3. The maximum package power dissipation is: P D + J(max) RqJA 4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 5. Refer to Figure 3. 6. Guaranteed by design. http://onsemi.com 4 NCP4672 VSHin VOPLin* Vi (Pin4) DVSin VSLin VOPLin* Vin RST (Pin1) VSHout Vout1 (Pin8) VOPLout* DVSout VSLout VOPLout* Vo RST (Pin2) tPLH tPHL tPLH *; VOPLout shows theoretical on this chart. VOPLout spec. must be specified on Pin 2 voltage (0.4 V) *; VOPLin shows theoretical on this chart. VOPLin spec. must be specified on Pin 1 voltage (0.4 V) Figure 2. Dual Regulator Timing Vin RST 1 10 kW Vin 4 VOPLin = 1.0 Vtyp VOLin = 0.4 V + - + - 7.0 V Vt1 Vtyp = 5.0 V Vmax = 16 V GND1 7 Figure 3. Threshold Operating Voltage VOPLin Under Condition VOLin = 0.4 V http://onsemi.com 5 NCP4672 200.0 Rq JA , THERMAL RESISTANCE JUNCTION-TO-AIR ( C/W) 180.0 160.0 140.0 120.0 100.0 80.0 0 100 200 300 400 (mm2) 500 600 COPPER AREA 1 oz Figure 4. SOP-8 Thermal Resistance versus P.C.B. Copper Area 1.6 IQ, QUIESCENT CURRENT (mA) Vout, OUTPUT VOLTAGE (V) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 2 4 6 8 10 12 14 16 Vin, INPUT VOLTAGE (V) 4.0 3.5 3.0 Vout1 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 Iout, OUTPUT CURRENT (mA) Vout2 Figure 5. Quiescent Current versus Input Voltage Figure 6. Peak Current Limit 1000 DELAY TIME (ms) 100 10 1 0.001 0.01 0.1 1 CD, CAPACITANCE (mF) Figure 7. Delay Time versus Capacitance http://onsemi.com 6 NCP4672 10 RPU = 10 kW 8 3 Vo VOLTAGE 6 Vin 4 Vin RST 2 0 0 5 10 15 20 TIME (ms) 25 30 35 40 VOLTAGE 2 CD = 10 nF 1 Vo RST 4 0 0 2 4 6 8 10 12 14 16 18 20 TIME (ms) Figure 8. Vin and Vin RST versus Time 80 70 RIPPLE REJECTION (dB) RIPPLE REJECTION (dB) 60 50 40 30 20 10 0 0.01 0.1 1 FREQUENCY (kHz) 10 100 Vin = 12 V Vout1 = 3.5 V Iout1 = 10 mA Cout1 = 4.7 mF 80 70 60 50 40 30 20 10 0 0.01 Figure 9. Vo and Vo RST versus Time Vin = 12 V Vout2 = 1.8 V Iout2 = 10 mA Cout2 = 4.7 mF 0.1 1 FREQUENCY (kHz) 10 100 Figure 10. Vout1 Ripple Rejection Figure 11. Vout2 Ripple Rejection http://onsemi.com 7 NCP4672 PACKAGE DIMENSIONS SOIC-8 NB SUFFIX CASE 751-07 ISSUE AB -X- A 8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244 B 1 4 S 0.25 (0.010) M Y M -Y- G C -Z- H D 0.25 (0.010) M SEATING PLANE K N X 45 _ 0.10 (0.004) M J ZY S X S DIM A B C D G H J K M N S SOLDERING FOOTPRINT* 1.52 0.060 7.0 0.275 4.0 0.155 0.6 0.024 1.270 0.050 SCALE 6:1 mm inches SOIC-8 *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. http://onsemi.com 8 NCP4672/D |
Price & Availability of NCP4672DR2G |